Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 757 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 757 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 753Page - Renesas Technology Corp SH7261 Datasheet HTML 754Page - Renesas Technology Corp SH7261 Datasheet HTML 755Page - Renesas Technology Corp SH7261 Datasheet HTML 756Page - Renesas Technology Corp SH7261 Datasheet HTML 757Page - Renesas Technology Corp SH7261 Datasheet HTML 758Page - Renesas Technology Corp SH7261 Datasheet HTML 759Page - Renesas Technology Corp SH7261 Datasheet HTML 760Page - Renesas Technology Corp SH7261 Datasheet HTML 761Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 757 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 725 of 1312
REJ09B0320-0200
16.5
SCIF Interrupts
The SCIF has four interrupt sources: transmit FIFO data empty (TXI), receive error (ERI), receive
FIFO data full (RXI), and break (BRI).
Table 16.12 shows the interrupt sources and their order of priority. The interrupt sources are
enabled or disabled by means of the TIE, RIE, and REIE bits in SCSCR. A separate interrupt
request is sent to the interrupt controller for each of these interrupt sources.
When a TXI request is enabled by the TIE bit and the TDFE flag in the serial status register
(SCFSR) is set to 1, a TXI interrupt request is generated. The DMAC can be activated and data
transfer performed by this TXI interrupt request. At this time, an interrupt request is not sent to the
CPU.
When an RXI request is enabled by the RIE bit, and the RDF flag or the DR flag in SCFSR is set
to 1, an RXI interrupt request is generated. The DMAC can be activated and data transfer
performed by this RXI interrupt request. At this time, an interrupt request is not sent to the CPU.
The RXI interrupt request caused by the DR flag is generated only in asynchronous mode.
When the RIE bit is set to 0 and the REIE bit is set to 1, the SCIF requests only an ERI interrupt
without requesting an RXI interrupt.
The TXI interrupt indicates that transmit data can be written, and the RXI interrupt indicates that
there is receive data in SCFRDR.
Table 16.12 SCIF Interrupt Sources
Interrupt
Source
Description
DMAC
Activation
Priority on
Reset Release
BRI
Interrupt initiated by break (BRK) or overrun error
(ORER)
Not possible
High
ERI
Interrupt initiated by receive error (ER)
Not possible
RXI
Interrupt initiated by receive FIFO data full (RDF) or
data ready (DR)
Possible
TXI
Interrupt initiated by transmit FIFO data empty
(TDFE)
Possible
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com