| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 751 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 751 Page - Renesas Technology Corp |
|
751 / 1348 page ![]() Section 16 Serial Communication Interface with FIFO (SCIF) Rev. 2.00 Sep. 07, 2007 Page 719 of 1312 REJ09B0320-0200 Figure 16.10 shows a sample flowchart for initializing the SCIF. Start of initialization Clear TE and RE bits in SCSCR to 0 Set TFRST and RFRST bits in SCFCR to 1 to clear the FIFO buffer After reading ER, DR, and BRK flags in SCFSR, write 0 to clear them Set CKE[1:0] bits in SCSCR (leaving TE, RE, TIE, and RIE bits cleared to 0) Set data transfer format in SCSMR Set value in SCBRR Set RTRG[1:0] and TTRG[1:0] bits in SCFCR, and clear TFRST and RFRST bits to 0 Set TE and RE bits in SCSCR to 1, and set TIE, RIE, and REIE bits End of initialization Leave the TE and RE bits cleared to 0 until the initialization almost ends. Set the data transfer format in SCSMR. Set the CKE1 and CKE0 bits. Write a value corresponding to the bit rate into SCBRR. This is not necessary if an external clock is used. Sets PFC for external pins used. Set as RxD input at reciving and TxD at transmission. Set the TE or RE bit in SCSCR to 1. Also set the TIE, RIE, and REIE bits to enable the TxD, RxD, and SCK pins to be used. When transmitting, the TxD pin will go to the mark state. When receiving in clocked synchronous mode with the synchronization clock output (clock master) selected, a clock starts to be output from the SCK pin at this point. [1] [1] [2] [3] [4] [5] [6] [2] [3] [4] [6] PFC setting for external pins used SCK, TxD, RxD [5] Figure 16.10 Sample Flowchart for SCIF Initialization |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |