Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 747 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 747 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 743Page - Renesas Technology Corp SH7261 Datasheet HTML 744Page - Renesas Technology Corp SH7261 Datasheet HTML 745Page - Renesas Technology Corp SH7261 Datasheet HTML 746Page - Renesas Technology Corp SH7261 Datasheet HTML 747Page - Renesas Technology Corp SH7261 Datasheet HTML 748Page - Renesas Technology Corp SH7261 Datasheet HTML 749Page - Renesas Technology Corp SH7261 Datasheet HTML 750Page - Renesas Technology Corp SH7261 Datasheet HTML 751Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 747 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 715 of 1312
REJ09B0320-0200
Error handling
Receive error handling
ER = 1?
BRK = 1?
Break handling
DR = 1?
Read receive data in SCFRDR
Clear DR, ER, BRK flags
in SCFSR,
and ORER flag in SCLSR, to 0
End
Yes
Yes
Yes
No
Overrun error handling
ORER = 1?
Yes
No
No
No
• Whether a framing error or parity error has occurred in
the receive data that is to be read from the receive
FIFO data register (SCFRDR) can be ascertained
from the FER and PER bits in the serial status register
(SCFSR).
• When a break signal is received, receive data is not
transferred to SCFRDR while the BRK flag is set.
However, note that the last data in SCFRDR is H'00,
and the break data in which a framing error occurred
is stored.
Figure 16.7 Sample Flowchart for Receiving Serial Data (cont)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com