Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 748 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 748 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 744Page - Renesas Technology Corp SH7261 Datasheet HTML 745Page - Renesas Technology Corp SH7261 Datasheet HTML 746Page - Renesas Technology Corp SH7261 Datasheet HTML 747Page - Renesas Technology Corp SH7261 Datasheet HTML 748Page - Renesas Technology Corp SH7261 Datasheet HTML 749Page - Renesas Technology Corp SH7261 Datasheet HTML 750Page - Renesas Technology Corp SH7261 Datasheet HTML 751Page - Renesas Technology Corp SH7261 Datasheet HTML 752Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 748 / 1348 page
background image
Section 16 Serial Communication Interface with FIFO (SCIF)
Rev. 2.00 Sep. 07, 2007 Page 716 of 1312
REJ09B0320-0200
In serial reception, the SCIF operates as described below.
1. The SCIF monitors the transmission line, and if a 0 start bit is detected, performs internal
synchronization and starts reception.
2. The received data is stored in SCRSR in LSB-to-MSB order.
3. The parity bit and stop bit are received.
After receiving these bits, the SCIF carries out the following checks.
A. Stop bit check: The SCIF checks whether the stop bit is 1. If there are two stop bits, only
the first is checked.
B. The SCIF checks whether receive data can be transferred from the receive shift register
(SCRSR) to SCFRDR.
C. Overrun check: The SCIF checks that the ORER flag is 0, indicating that the overrun error
has not occurred.
D. Break check: The SCIF checks that the BRK flag is 0, indicating that the break state is not
set.
If all the above checks are passed, the receive data is stored in SCFRDR.
Note:
When a parity error or a framing error occurs, reception is not suspended.
4. If the RIE bit in SCSCR is set to 1 when the RDF or DR flag changes to 1, a receive-FIFO-
data-full interrupt (RXI) request is generated. If the RIE bit or the REIE bit in SCSCR is set to
1 when the ER flag changes to 1, a receive-error interrupt (ERI) request is generated. If the
RIE bit or the REIE bit in SCSCR is set to 1 when the BRK or ORER flag changes to 1, a
break reception interrupt (BRI) request is generated.
Figure 16.8 shows an example of the operation for reception.
RDF
0
0/1
1
1
1
D0
D1
D7
0
0/1
1
D0
D1
D7
FER
Serial data
Start
bit
Data Parity
bit
Stop
bit
Start
bit
Data
Parity
bit
Stop
bit
RXI interrupt
request
One frame
Data read and RDF flag
read as 1 then cleared to 0
by RXI interrupt handler
ERI interrupt request
generated by receive
error
Idle state
(mark state)
Figure 16.8 Example of SCIF Receive Operation (8-Bit Data, Parity, 1 Stop Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com