Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 765 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 765 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 761Page - Renesas Technology Corp SH7261 Datasheet HTML 762Page - Renesas Technology Corp SH7261 Datasheet HTML 763Page - Renesas Technology Corp SH7261 Datasheet HTML 764Page - Renesas Technology Corp SH7261 Datasheet HTML 765Page - Renesas Technology Corp SH7261 Datasheet HTML 766Page - Renesas Technology Corp SH7261 Datasheet HTML 767Page - Renesas Technology Corp SH7261 Datasheet HTML 768Page - Renesas Technology Corp SH7261 Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 733 of 1312
REJ09B0320-0200
17.3.1
I
2C Bus Control Register 1 (ICCR1)
ICCR1 is an 8-bit readable/writable register that enables or disables the I
2C bus interface 3,
controls transmission or reception, and selects master or slave mode, transmission or reception,
and transfer clock frequency in master mode.
ICCR1 is initialized to H'00 by a power-on reset or deep standby mode.
0
1
2
3
4
5
6
7
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
ICE RCVD MST
TRS
CKS[3:0]
Bit
Bit Name
Initial
Value
R/W
Description
7
ICE
0
R/W
I
2C Bus Interface 3 Enable
0: This module is halted.
1: This bit is enabled for transfer operations.
6
RCVD
0
R/W
Reception Disable
Enables or disables the next operation when TRS is 0
and ICDRR is read.
0: Enables next reception
1: Disables next reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com