Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 767 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 767 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 763Page - Renesas Technology Corp SH7261 Datasheet HTML 764Page - Renesas Technology Corp SH7261 Datasheet HTML 765Page - Renesas Technology Corp SH7261 Datasheet HTML 766Page - Renesas Technology Corp SH7261 Datasheet HTML 767Page - Renesas Technology Corp SH7261 Datasheet HTML 768Page - Renesas Technology Corp SH7261 Datasheet HTML 769Page - Renesas Technology Corp SH7261 Datasheet HTML 770Page - Renesas Technology Corp SH7261 Datasheet HTML 771Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 767 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 735 of 1312
REJ09B0320-0200
Table 17.3
Transfer Rate
Bit 3
Bit 2
Bit 1
Bit 0
Transfer Rate
CKS3 CKS2 CKS1 CKS0 Clock
P
φ =
16.7 MHz
P
φ =
20.0 MHz
P
φ =
25.0 MHz
P
φ =
30.0 MHz
P
φ =
33.3 MHz
P
φ =
40 MHz
0
0
0
0
P
φ/28
595 kHz
714 kHz
893 kHz
1071 kHz 1189 kHz 1430 kHz
1
P
φ/40
417 kHz
500 kHz
625 kHz
750 kHz
833 kHz
1000 kHz
1
0
P
φ/48
347 kHz
417 kHz
521 kHz
625 kHz
694 kHz
833 kHz
1
P
φ/64
260 kHz
313 kHz
391 kHz
469 kHz
520 kHz
625 kHz
1
0
0
P
φ/80
208 kHz
250 kHz
313 kHz
375 kHz
416 kHz
500 kHz
1
P
φ/100
167 kHz
200 kHz
250 kHz
300 kHz
333 kHz
400 kHz
1
0
P
φ/112
149 kHz
179 kHz
223 kHz
268 kHz
297 kHz
357 kHz
1
P
φ/128
130 kHz
156 kHz
195 kHz
234 kHz
260 kHz
313 kHz
1
0
0
0
P
φ/112
149 kHz
179 kHz
223 kHz
268 kHz
297 kHz
357 kHz
1
P
φ/160
104 kHz
125 kHz
156 kHz
188 kHz
208 kHz
250 kHz
1
0
P
φ/192
86.8 kHz
104 kHz
130 kHz
156 kHz
173 kHz
208 kHz
1
P
φ/256
65.1 kHz
78.1 kHz
97.7 kHz
117 kHz
130 kHz
156 kHz
1
0
0
P
φ/320
52.1 kHz
62.5 kHz
78.1 kHz
93.8 kHz
104 kHz
125 kHz
1
P
φ/400
41.7 kHz
50.0 kHz
62.5 kHz
75.0 kHz
83.3 kHz
100 kHz
1
0
P
φ/448
37.2 kHz
44.6 kHz
55.8 kHz
67.0 kHz
74.3 kHz
89.3 kHz
1
P
φ/512
32.6 kHz
39.1 kHz
48.8 kHz
58.6 kHz
65.0 kHz
78.1 kHz
Note:
The settings should satisfy external specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com