Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 770 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 770 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 766Page - Renesas Technology Corp SH7261 Datasheet HTML 767Page - Renesas Technology Corp SH7261 Datasheet HTML 768Page - Renesas Technology Corp SH7261 Datasheet HTML 769Page - Renesas Technology Corp SH7261 Datasheet HTML 770Page - Renesas Technology Corp SH7261 Datasheet HTML 771Page - Renesas Technology Corp SH7261 Datasheet HTML 772Page - Renesas Technology Corp SH7261 Datasheet HTML 773Page - Renesas Technology Corp SH7261 Datasheet HTML 774Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 770 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 738 of 1312
REJ09B0320-0200
17.3.3
I
2C Bus Mode Register (ICMR)
ICMR is an 8-bit readable/writable register that selects whether the MSB or LSB is transferred
first, performs master mode wait control, and selects the transfer bit count.
ICMR is initialized to H'38 by a power-on reset or deep standby mode. Bits BC[2:0] are initialized
to H'0 by the IICRST bit in ICCR2.
0
1
2
3
4
5
6
7
0
0
0
1
1
1
0
0
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
Initial value:
R/W:
MLS WAIT
—
—
BCWP
BC[2:0]
Bit
Bit Name
Initial
Value
R/W
Description
7
MLS
0
R/W
MSB-First/LSB-First Select
0: MSB-first
1: LSB-first
Set this bit to 0 when the I
2C bus format is used.
6
WAIT
0
R/W
Wait Insertion
In master mode with the I
2C bus format, this bit selects
whether to insert a wait after data transfer except the
acknowledge bit. When WAIT is set to 1, after the fall of
the clock for the final data bit, low period is extended for
two transfer clocks. If WAIT is cleared to 0, data and
acknowledge bits are transferred consecutively with no
wait inserted.
The setting of this bit is invalid in slave mode with the
I
2C bus format or with the clocked synchronous serial
format.
5, 4
All 1
R
Reserved
These bits are always read as 1. The write value should
always be 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com