Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 773 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 773 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 769Page - Renesas Technology Corp SH7261 Datasheet HTML 770Page - Renesas Technology Corp SH7261 Datasheet HTML 771Page - Renesas Technology Corp SH7261 Datasheet HTML 772Page - Renesas Technology Corp SH7261 Datasheet HTML 773Page - Renesas Technology Corp SH7261 Datasheet HTML 774Page - Renesas Technology Corp SH7261 Datasheet HTML 775Page - Renesas Technology Corp SH7261 Datasheet HTML 776Page - Renesas Technology Corp SH7261 Datasheet HTML 777Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 773 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 741 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
4
NAKIE
0
R/W
NACK Receive Interrupt Enable
Enables or disables the NACK detection interrupt
request (NAKI) and the overrun error (OVE set in ICSR)
interrupt request (ERI) in the clocked synchronous
format when the NACKF or AL/OVE bit in ICSR is set.
NAKI can be canceled by clearing the NACKF, AL/OVE,
or NAKIE bit to 0.
0: NACK receive interrupt request (NAKI) is disabled.
1: NACK receive interrupt request (NAKI) is enabled.
3
STIE
0
R/W
Stop Condition Detection Interrupt Enable
Enables or disables the stop condition detection
interrupt request (STPI) when the STOP bit in ICSR is
set.
0: Stop condition detection interrupt request (STPI) is
disabled.
1: Stop condition detection interrupt request (STPI) is
enabled.
2
ACKE
0
R/W
Acknowledge Bit Judgment Select
0: The value of the receive acknowledge bit is ignored,
and continuous transfer is performed.
1: If the receive acknowledge bit is 1, continuous
transfer is halted.
1
ACKBR
0
R
Receive Acknowledge
In transmit mode, this bit stores the acknowledge data
that are returned by the receive device. This bit cannot
be modified. This bit can be canceled by setting the
BBSY bit in ICCR2 to 1.
0: Receive acknowledge = 0
1: Receive acknowledge = 1
0
ACKBT
0
R/W
Transmit Acknowledge
In receive mode, this bit specifies the bit to be sent at
the acknowledge timing.
0: 0 is sent at the acknowledge timing.
1: 1 is sent at the acknowledge timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com