Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 771 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 771 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 767Page - Renesas Technology Corp SH7261 Datasheet HTML 768Page - Renesas Technology Corp SH7261 Datasheet HTML 769Page - Renesas Technology Corp SH7261 Datasheet HTML 770Page - Renesas Technology Corp SH7261 Datasheet HTML 771Page - Renesas Technology Corp SH7261 Datasheet HTML 772Page - Renesas Technology Corp SH7261 Datasheet HTML 773Page - Renesas Technology Corp SH7261 Datasheet HTML 774Page - Renesas Technology Corp SH7261 Datasheet HTML 775Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 771 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 739 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
3
BCWP
1
R/W
BC Write Protect
Controls the BC[2:0] modifications. When modifying the
BC[2:0] bits, this bit should be cleared to 0. In clocked
synchronous serial mode, the BC[2:0] bits should not
be modified.
0: When writing, values of the BC[2:0] bits are set.
1: When reading, 1 is always read.
When writing, settings of the BC[2:0] bits are invalid.
Bit Counter
These bits specify the number of bits to be transferred
next. When read, the remaining number of transfer bits
is indicated. With the I
2C bus format, the data is
transferred with one addition acknowledge bit. Should
be made between transfer frames. If these bits are set
to a value other than B'000, the setting should be made
while the SCL pin is low. The value returns to B'000 at
the end of a data transfer, including the acknowledge
bit. These bits are cleared by a power-on reset, in deep
standby mode, software standby mode, or module
standby mode. These bits are also cleared by setting
the IICRST bit of ICCR2 to 1. With the clocked
synchronous serial format, these bits should not be
modified.
2 to 0
BC[2:0]
000
R/W
I
2C Bus Format
000: 9 bits
001: 2 bits
010: 3 bits
011: 4 bits
100: 5 bits
101: 6 bits
110: 7 bits
111: 8 bits
Clocked Synchronous Serial Format
000: 8 bits
001: 1 bit
010: 2 bits
011: 3 bits
100: 4 bits
101: 5 bits
110: 6 bits
111: 7 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com