Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 778 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 778 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 774Page - Renesas Technology Corp SH7261 Datasheet HTML 775Page - Renesas Technology Corp SH7261 Datasheet HTML 776Page - Renesas Technology Corp SH7261 Datasheet HTML 777Page - Renesas Technology Corp SH7261 Datasheet HTML 778Page - Renesas Technology Corp SH7261 Datasheet HTML 779Page - Renesas Technology Corp SH7261 Datasheet HTML 780Page - Renesas Technology Corp SH7261 Datasheet HTML 781Page - Renesas Technology Corp SH7261 Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 746 of 1312
REJ09B0320-0200
17.3.7
I
2C Bus Transmit Data Register (ICDRT)
ICDRT is an 8-bit readable/writable register that stores the transmit data. When ICDRT detects the
empty space in the shift register (ICDRS), it transfers the transmit data which is written in ICDRT
to ICDRS and starts transferring data. If the next transfer data is written to ICDRT during
transferring data of ICDRS, continuous transfer is possible. ICDRT is initialized to H'FF.
ICDRT is initialized to H'FF by a power-on reset or deep standby mode.
0
1
2
3
4
5
6
7
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
1
R/W
Bit:
Initial value:
R/W:
17.3.8
I
2C Bus Receive Data Register (ICDRR)
ICDRR is an 8-bit register that stores the receive data. When data of one byte is received, ICDRR
transfers the receive data from ICDRS to ICDRR and the next data can be received. ICDRR is a
receive-only register, therefore the CPU cannot write to this register.
ICDRR is initialized to H'FF by a power-on reset or deep standby mode.
0
1
2
3
4
5
6
7
1
RRRRRRRR
1111111
Bit:
Initial value:
R/W:
17.3.9
I
2C Bus Shift Register (ICDRS)
ICDRS is a register that is used to transfer/receive data. In transmission, data is transferred from
ICDRT to ICDRS and the data is sent from the SDA pin. In reception, data is transferred from
ICDRS to ICDRR after data of one byte is received. This register cannot be read directly from the
CPU.
0
1
2
3
4
5
6
7
Bit:
Initial value:
R/W:
————————
————————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com