Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 789 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 789 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 785Page - Renesas Technology Corp SH7261 Datasheet HTML 786Page - Renesas Technology Corp SH7261 Datasheet HTML 787Page - Renesas Technology Corp SH7261 Datasheet HTML 788Page - Renesas Technology Corp SH7261 Datasheet HTML 789Page - Renesas Technology Corp SH7261 Datasheet HTML 790Page - Renesas Technology Corp SH7261 Datasheet HTML 791Page - Renesas Technology Corp SH7261 Datasheet HTML 792Page - Renesas Technology Corp SH7261 Datasheet HTML 793Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 789 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 757 of 1312
REJ09B0320-0200
ICDRS
ICDRR
12
34
56
78
9
9
A
A
RDRF
SCL
(Master output)
SDA
(Master output)
SDA
(Slave output)
SCL
(Slave output)
User
processing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Data 1
[3] Set ACKBT
[3] Read ICDRR
[4] Read ICDRR
Data 2
Data 1
Figure 17.12 Slave Receive Mode Operation Timing (2)
17.4.6
Clocked Synchronous Serial Format
This module can be operated with the clocked synchronous serial format, by setting the FS bit in
SAR to 1. When the MST bit in ICCR1 is 1, the transfer clock output from SCL is selected. When
MST is 0, the external clock input is selected.
(1)
Data Transfer Format
Figure 17.13 shows the clocked synchronous serial transfer format.
The transfer data is output from the fall to the fall of the SCL clock, and the data at the rising edge
of the SCL clock is guaranteed. The MLS bit in ICMR sets the order of data transfer, in either the
MSB first or LSB first. The output level of SDA can be changed during the transfer wait, by the
SDAO bit in ICCR2.
SDA
SCL
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5 Bit 6
Bit 7
Figure 17.13 Clocked Synchronous Serial Transfer Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com