Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 793 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 793 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 789Page - Renesas Technology Corp SH7261 Datasheet HTML 790Page - Renesas Technology Corp SH7261 Datasheet HTML 791Page - Renesas Technology Corp SH7261 Datasheet HTML 792Page - Renesas Technology Corp SH7261 Datasheet HTML 793Page - Renesas Technology Corp SH7261 Datasheet HTML 794Page - Renesas Technology Corp SH7261 Datasheet HTML 795Page - Renesas Technology Corp SH7261 Datasheet HTML 796Page - Renesas Technology Corp SH7261 Datasheet HTML 797Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 793 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 761 of 1312
REJ09B0320-0200
17.4.7
Noise Filter
The logic levels at the SCL and SDA pins are routed through noise filters before being latched
internally. Figure 17.17 shows a block diagram of the noise filter circuit.
The noise filter consists of three cascaded latches and a match detector. The SCL (or SDA) input
signal is sampled on the peripheral clock. When NF2CYC is set to 0, this signal is not passed
forward to the next circuit unless the outputs of both latches agree. When NF2CYC is set to 1, this
signal is not passed forward to the next circuit unless the outputs of three latches agree. If they do
not agree, the previous value is held.
C
Q
D
C
Q
D
C
Q
1
0
D
NF2CYC
SCL or SDA
input signal
Internal
SCL or SDA
signal
Sampling clock
Sampling
clock
Peripheral clock
cycle
Latch
Latch
Match
detector
Latch
Match
detector
Figure 17.17 Block Diagram of Noise Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com