Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 795 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 795 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 791Page - Renesas Technology Corp SH7261 Datasheet HTML 792Page - Renesas Technology Corp SH7261 Datasheet HTML 793Page - Renesas Technology Corp SH7261 Datasheet HTML 794Page - Renesas Technology Corp SH7261 Datasheet HTML 795Page - Renesas Technology Corp SH7261 Datasheet HTML 796Page - Renesas Technology Corp SH7261 Datasheet HTML 797Page - Renesas Technology Corp SH7261 Datasheet HTML 798Page - Renesas Technology Corp SH7261 Datasheet HTML 799Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 795 / 1348 page
background image
Section 17 I
2C Bus Interface 3 (IIC3)
Rev. 2.00 Sep. 07, 2007 Page 763 of 1312
REJ09B0320-0200
[10]
No
Yes
RDRF = 1 ?
No
Yes
RDRF=1 ?
Last receive
- 1?
Master receive mode
Clear TEND in ICSR
Clear TRS in ICCR1 to 0
Clear TDRE in ICSR
Clear ACKBT in ICIER to 0
Dummy-read ICDRR
Read RDRF in ICSR
Read ICDRR
Set ACKBT in ICIER to 1
Set RCVD in ICCR1 to 1
Read ICDRR
Read RDRF in ICSR
Write 0 to BBSY and SCP
Read STOP in ICSR
Read ICDRR
Clear RCVD in ICCR1 to 0
Clear MST in ICCR1 to 0
End
No
Yes
STOP = 1 ?
No
Yes
[1] Clear TEND, select master receive mode,
and then clear TDRE. *
[2] Set acknowledge to the transmit device. *
[3] Dummy-read ICDDR. *
[4] Wait for 1 byte to be received
[5] Check whether it is the (last receive - 1).
[6] Read the receive data.
[7] Set acknowledge of the final byte.
Disable continuous reception (RCVD = 1).
[8] Read the (final byte - 1) of received data.
[9] Wait for the last byte to be receive.
[10] Clear the STOP flag.
[11] Issue the stop condition.
[12] Wait for the creation of stop condition.
[13] Read the last byte of receive data.
[14] Clear RCVD.
[15] Set slave receive mode.
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[11]
[12]
[13]
[14]
[15]
Notes: * Make sure that no interrupt will be generated during
steps [1] to [3].
When the size of receive data is only one byte in
reception, steps [2] to [6] are skipped after step [1],
before jumping to step [7].
The step [8] is dummy-read in ICDRR.
Clear STOP in ICSR
Figure 17.19 Sample Flowchart for Master Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com