Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 973 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 973 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 969Page - Renesas Technology Corp SH7261 Datasheet HTML 970Page - Renesas Technology Corp SH7261 Datasheet HTML 971Page - Renesas Technology Corp SH7261 Datasheet HTML 972Page - Renesas Technology Corp SH7261 Datasheet HTML 973Page - Renesas Technology Corp SH7261 Datasheet HTML 974Page - Renesas Technology Corp SH7261 Datasheet HTML 975Page - Renesas Technology Corp SH7261 Datasheet HTML 976Page - Renesas Technology Corp SH7261 Datasheet HTML 977Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 973 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 941 of 1312
REJ09B0320-0200
20.8
Usage Notes
20.8.1
Notes when the Communications have not been Completed within the Maximum
Number of Transmit Bytes
(1)
Data Transmission
During the data transmission, when the maximum number of bytes defined by the communications
mode have been transmitted because a NAK has been received from the receive unit, or when
transmission has not been completed within the maximum number of transmit bytes because the
message length value exceeds it, the IEB sets the error flag of IETSR and enters the wait state. In
this case, the IEB transmits data for the maximum number of transmit bytes + one byte. Then, if a
NAK has been received in an acknowledge bit of data for the maximum number of transmit bytes
+ one byte, the TXERO flag is set. If an ACK is received, the TXF flag is set.
Figure 20.18 shows the operation timing when the transmission has not been completed within the
maximum number of transmit bytes.
IETSR
IETSR
TXER0
NAK is received in Dn + 1
ACK is received in Dn + 1
Master transmission
HD: Header
MA: Master address field
SA: Slave address field
CT: Control field
DL: Message length field
Dn: Data field (n = Max. no. of transfer bytes)
TXF
Dn-1
Dn
Dn+1
HD
MA
SA
CT
DL
D1
D2
Figure 20.18 Operation Timing when Transmission has not been Completed within
Maximum Number of Transmit Bytes
(2)
Data Reception
During the data reception, when reception has not been completed within the maximum number of
bytes defined by the communications mode because of a parity error or overrun error causing the
retransfer of data, or when reception has not been completed because the message length value
exceeds the maximum number of receive bytes, the IEB sets the error flag of IERSR and enters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com