Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 974 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 974 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 970Page - Renesas Technology Corp SH7261 Datasheet HTML 971Page - Renesas Technology Corp SH7261 Datasheet HTML 972Page - Renesas Technology Corp SH7261 Datasheet HTML 973Page - Renesas Technology Corp SH7261 Datasheet HTML 974Page - Renesas Technology Corp SH7261 Datasheet HTML 975Page - Renesas Technology Corp SH7261 Datasheet HTML 976Page - Renesas Technology Corp SH7261 Datasheet HTML 977Page - Renesas Technology Corp SH7261 Datasheet HTML 978Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 974 / 1348 page
background image
Section 20 IEBus
TM Controller (IEB) [R5S72612] [R5S72613]
Rev. 2.00 Sep. 07, 2007 Page 942 of 1312
REJ09B0320-0200
the wait state. In this case, the IEB waits for data for the maximum number of receive bytes + one
byte. Then, if data for the maximum number of receive bytes + one byte is not received, a receive
timing error is detected and the RXERTME flag is set. In this case, the RXEDLE flag is not set.
The RXEDLE flag is set when data for the maximum number of receive bytes + one byte is
received.
The IEB also waits for data for the maximum number of receive bytes + one byte, when the
maximum number of receive bytes have been received but the parity error is not cleared. If data
for the maximum number of receive bytes + one byte is not received, the RXERTME flag is set. In
this case, the RXEPE flag is not set. The RXEPE flag is set when data for the maximum number
of receive bytes + one byte is received.
Figure 20.19 shows the operation timing when the reception has not been completed within the
maximum number of receive bytes.
IERSR
IERSR
RXEDLE
IERSR
RXERTME
RXEPE
Dn-1
Dn
Dn+1
HD
MA
SA
CT
DL
D1
D2
Dn + 1 is not received
Slave reception
HD: Header
MA: Master address field
SA: Slave address field
CT: Control field
DL: Message length field
Dn: Data field (n = Max. no. of transfer bytes)
Dn + 1 is received
Dn + 1 is received
Figure 20.19 Operation Timing when Reception has not been Completed within Maximum
Number of Receive Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com