| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 978 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 978 Page - Renesas Technology Corp |
|
978 / 1348 page ![]() Section 21 CD-ROM Decoder (ROM-DEC) Rev. 2.00 Sep. 07, 2007 Page 946 of 1312 REJ09B0320-0200 Input data come from the peripheral bus and output data go out via the peripheral bus along a single line each, but the bus bridge logic sets up branches for the register access port and stream data port. The stream data from the CD-DSP are transferred via the SSI to the stream data input control block. They are then subjected to descrambling, ECC correction, and EDC checking as they pass through the CD-ROM decoder. After these processes, data from one sector are obtained. The data are subsequently transferred to the stream-data buffer via the stream-data output control block. Data can be transferred by either the DMAC or the CPU. Figure 21.3 is a block diagram of the bus-bridge logic. Since the input stream is transferred over the SSI, transfer is relatively slow. On the other hand, data from the output stream can be transferred at high speeds because they are already in the core of the CD-ROM decoder. Since the data for output are buffered in SDRAM or other memory, they must be transferred at high speeds in order to reduce the busy rate of the SDRAM. For this reason, the data for the output stream are read out before the CD-ROM decoder receives an output stream data read request from the peripheral bus. This allows the accumulation of streaming data in the registers of the bus bridge, so that the data are ready for immediate output to the peripheral bus upon a request from the peripheral bus. Accordingly, the reception of a request to read from registers other than the stream-data registers after the stream data has already been read out and stored in the register of the bus bridge is possible. To cope with this, the CD-ROM decoder is provided with separate intermediary registers for the output stream-data register and the other registers. Input data from the peripheral bus Input stream data Output stream data Register data (write) Register data (read) Output stream-data control signal Buffer control signal for the output stream-data section Data for output to the peripheral bus Figure 21.3 Schematic Diagram of the Bus Bridge |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |