Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 979 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 979 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 975Page - Renesas Technology Corp SH7261 Datasheet HTML 976Page - Renesas Technology Corp SH7261 Datasheet HTML 977Page - Renesas Technology Corp SH7261 Datasheet HTML 978Page - Renesas Technology Corp SH7261 Datasheet HTML 979Page - Renesas Technology Corp SH7261 Datasheet HTML 980Page - Renesas Technology Corp SH7261 Datasheet HTML 981Page - Renesas Technology Corp SH7261 Datasheet HTML 982Page - Renesas Technology Corp SH7261 Datasheet HTML 983Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 979 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 947 of 1312
REJ09B0320-0200
Figure 21.4 is a schematic diagram of the stream-data input control block. The stream-data input
controller contains logic that controls the stream of input data and a register that is used to change
the control mode of the CD-ROM decoder.
The SSI mode used to transfer the stream data may affect the order (through the endian setting) or
lead to padding before the data is transferred. To handle the different arrangements of data
appropriately, the stream-data input control block includes a register for changing the operating
mode and generates signals to control the core of the CD-ROM decoder.
The data-pending registers for the input stream consists of two 16-bit registers. The data-pending
registers are controlled according to the mode set in the control register. For example, controlling
the order in which 16-bit data is supplied to the core of the CD-ROM decoder (sending the second
16-bytes first or vice versa). It is also possible to stop the supply of padding data to the core of the
CD-ROM decoder.
Input stream data
Input stream controller
Register data
Register access controller
Select
16 bits
16 bits
Figure 21.4 Schematic Diagram of the Stream-Data Input Control Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com