Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1028 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1028 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1024Page - Renesas Technology Corp SH7261 Datasheet HTML 1025Page - Renesas Technology Corp SH7261 Datasheet HTML 1026Page - Renesas Technology Corp SH7261 Datasheet HTML 1027Page - Renesas Technology Corp SH7261 Datasheet HTML 1028Page - Renesas Technology Corp SH7261 Datasheet HTML 1029Page - Renesas Technology Corp SH7261 Datasheet HTML 1030Page - Renesas Technology Corp SH7261 Datasheet HTML 1031Page - Renesas Technology Corp SH7261 Datasheet HTML 1032Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1028 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 996 of 1312
REJ09B0320-0200
(1)
Automatic Sync Maintenance Mode
In automatic sync maintenance mode, the sync code is ignored if detected within the one-sector
(2352-byte) period. Furthermore, if a sync code is not detected at the point where a next sector
should start, sync code maintenance is applied. If synchronization timing has changed, re-
synchronization is performed at the point where a sync code is detected within 2352 bytes after the
change.
Therefore, this mode is effective in rejecting abnormal sync patterns and following changes in
synchronization timing. Note, however, that this mode cannot achieve synchronization with the
first sector after a change to the synchronization timing.
Figure 21.8 shows operation in the case of normal sync-code detection, figure 21.9 shows a case
where a sync code is detected before a current one-sector period has elapsed, and figure 21.10
shows the case where the actual sync code is only detected some time after a full one-sector period
has elapsed.
Input data
Sync code
detection
Output data
Sector 1
Sector 1
Sector 2
Sector 3
Sector 4
Sector 6
Sector 2
Sector 3
Sector 4
Sector 5
Sector 6
Figure 21.8 Operation in Automatic Sync Maintenance Mode (Normal Timing)
Intput data
Sync code
detection
Output data
Sector 1
Abnormal sector
Abnormal
sector
Ignore
Maintain Ignore
Maintain
Re-synchronization
Abnormal
sector
Abnormal
sector
Sector 1
Sector 5
Sector 3
Sector 4
Sector 5
Sector 6
Figure 21.9 Operation in Automatic Sync Maintenance Mode
(When an Abnormally Short Sector is Encountered)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com