Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1027 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1027 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1023Page - Renesas Technology Corp SH7261 Datasheet HTML 1024Page - Renesas Technology Corp SH7261 Datasheet HTML 1025Page - Renesas Technology Corp SH7261 Datasheet HTML 1026Page - Renesas Technology Corp SH7261 Datasheet HTML 1027Page - Renesas Technology Corp SH7261 Datasheet HTML 1028Page - Renesas Technology Corp SH7261 Datasheet HTML 1029Page - Renesas Technology Corp SH7261 Datasheet HTML 1030Page - Renesas Technology Corp SH7261 Datasheet HTML 1031Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1027 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 995 of 1312
REJ09B0320-0200
Figure 21.7 shows a case of input stream data that has no padding (H'12345678). The upper and
lower 16 bits of data are swapped (H'56781234) for input to the CD-ROM decoder.
H'1234
H'1234 is input first.
H'5678 is input next.
H'5678
Core of CD-ROM decoder
BUFEND1[1:0] = 01
BYTEND = 0
H'1234
BUFEND0[1:0] = 10
H'5678
H'1234
H'5678
STRMDIN0, STRMDIN1
STRMDIN2, STRMDIN3
Figure 21.7 Example of Non-Padded Stream Data Control by the SSI Register
21.4.2
Sync Code Maintenance Function
Each sector of CD-ROM data consists of 2352 bytes starting with
H'00FFFFFFFFFFFFFFFFFFFF00 (sync code). However, a scratch on the disc or some other
factor might lead to erroneous recognition of the sync code sequence at the wrong time.
Conversely, a sync code might not be detected at a point where it should be detected. As a solution
to these problems, the CD-ROM decoder of this LSI has a sync-code maintenance function, which
operates to ignore sync codes detected at abnormal times and maintain the appearance of the sync
code at the expected times when it is not actually detected on the disc.
The operating modes of the sync-code maintenance function are listed below. For details on the
settings, refer to section 21.3.2, Sync Code-Based Synchronization Control Register (CROMSY0),
and table 21.2.
• Automatic sync maintenance mode
• External sync mode
• Interpolated sync mode
• Interpolated sync plus external sync mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com