Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1023 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1023 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1019Page - Renesas Technology Corp SH7261 Datasheet HTML 1020Page - Renesas Technology Corp SH7261 Datasheet HTML 1021Page - Renesas Technology Corp SH7261 Datasheet HTML 1022Page - Renesas Technology Corp SH7261 Datasheet HTML 1023Page - Renesas Technology Corp SH7261 Datasheet HTML 1024Page - Renesas Technology Corp SH7261 Datasheet HTML 1025Page - Renesas Technology Corp SH7261 Datasheet HTML 1026Page - Renesas Technology Corp SH7261 Datasheet HTML 1027Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1023 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 991 of 1312
REJ09B0320-0200
21.3.52
CD-ROM Decoder Stream Data Input Register (STRMDIN0)
STRMDIN0 indicates the 1 byte (from MSB) of the 4 bytes of data that is to be input to the CD-
ROM decoder.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
STRMDIN[31:24]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
STRMDIN
[31:24]
All 0
R/W
The highest-order byte (MSB) of the 4-byte input to the
CD-ROM decoder
The CD-ROM decoder has a 4-byte wide data window
or set of registers for data input. The data input to these
registers is handled as a data stream. The amount of
data for one sector is 2352 bytes.
21.3.53
CD-ROM Decoder Stream Data Input Register (STRMDIN1)
STRMDIN1 indicates the next 1 byte, in order from STRMDIN0, of the 4-byte input to the CD-
ROM decoder.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
STRMDIN[23:16]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
STRMDIN
[23:16]
All 0
R/W
The next byte, in order from STRMDIN0, of the 4-byte
input to the CD-ROM decoder
The CD-ROM decoder has a 4-byte wide data window
or set of registers for data input. The data input to these
registers is handled as a data stream. The amount of
data for one sector is 2352 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com