Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1022 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1022 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1018Page - Renesas Technology Corp SH7261 Datasheet HTML 1019Page - Renesas Technology Corp SH7261 Datasheet HTML 1020Page - Renesas Technology Corp SH7261 Datasheet HTML 1021Page - Renesas Technology Corp SH7261 Datasheet HTML 1022Page - Renesas Technology Corp SH7261 Datasheet HTML 1023Page - Renesas Technology Corp SH7261 Datasheet HTML 1024Page - Renesas Technology Corp SH7261 Datasheet HTML 1025Page - Renesas Technology Corp SH7261 Datasheet HTML 1026Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1022 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 990 of 1312
REJ09B0320-0200
21.3.51
Buffer Control Register (RINGBUFCTL)
RINGBUFCTL introduces a delay in the DMA transfer request signal in order to reduce the time
period over which the CD-ROM decoder is unable to respond due to ECC correction.
Data from the CD-ROM decoder may be transferred by DMA or by the CPU; the former is
triggered by asserting the DMA transfer request signal, while the latter is driven by the IREADY
interrupt. When either the DMAC or CPU is trying to get output data for which the input data
contained errors and is thus being subjected to ECC correction, a wait will be necessary because
the CD-ROM decoder cannot respond during ECC correction.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
DMREQDELAY
[1:0]
——
——
—
Bit
Bit Name
Initial
Value
R/W
Description
7
0
R/W
Reserved
This bit is always read as 0.The write value should
always be 0.
6, 5
DMREQDELAY
[1:0]
00
R/W
00: Assertion of the DMA transfer request signal is not
delayed.
01: Assertion of the DMA transfer request signal is
delayed by 256 cycles.
10: Assertion of the DMA transfer request signal is
delayed by 512 cycles.
11: Assertion of the DMA transfer request signal is
delayed by 1024 cycles.
4 to 0
All 0
R/W
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com