Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1025 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1025 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1021Page - Renesas Technology Corp SH7261 Datasheet HTML 1022Page - Renesas Technology Corp SH7261 Datasheet HTML 1023Page - Renesas Technology Corp SH7261 Datasheet HTML 1024Page - Renesas Technology Corp SH7261 Datasheet HTML 1025Page - Renesas Technology Corp SH7261 Datasheet HTML 1026Page - Renesas Technology Corp SH7261 Datasheet HTML 1027Page - Renesas Technology Corp SH7261 Datasheet HTML 1028Page - Renesas Technology Corp SH7261 Datasheet HTML 1029Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1025 / 1348 page
background image
Section 21 CD-ROM Decoder (ROM-DEC)
Rev. 2.00 Sep. 07, 2007 Page 993 of 1312
REJ09B0320-0200
21.3.56
CD-ROM Decoder Stream Data Output Register (STRMDOUT0)
STRMDOUT0 indicates the 1 byte (from MSB) of the 2 bytes of data that is to be output to the
CD-ROM decoder.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
STRMDOUT[15:8]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
STRMDOUT
[15:8]
All 0
R/W
The higher-order byte (MSB) of the 2-byte output from
the CD-ROM decoder
The CD-ROM decoder has a 2-byte wide data window
or set of registers for the output of decoded data. Every
time the relevant register is accessed, further data are
output sequentially in the output format which is
separately defined. The amount of data for one sector is
2768 bytes. Always read 2768 bytes.
21.3.57
CD-ROM Decoder Stream Data Output Register (STRMDOUT1)
STRMDOUT1 indicates the 1 byte (from LSB) of the 2 bytes of data that is to be output to the
CD-ROM decoder.
76543210
Bit:
Initial value:
R/W:
00000000
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
STRMDOUT[7:0]
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
STRMDOUT
[7:0]
All 0
R/W
The lower-order byte (LSB) of the 2-byte output from
the CD-ROM decoder
The CD-ROM decoder has a 2-byte wide data window
or set of registers for the output of decoded data. Every
time the relevant register is accessed, further data are
output sequentially in the output format which is
separately defined. The amount of data for one sector is
2768 bytes. Always read 2768 bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com