Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1060 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1060 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1056Page - Renesas Technology Corp SH7261 Datasheet HTML 1057Page - Renesas Technology Corp SH7261 Datasheet HTML 1058Page - Renesas Technology Corp SH7261 Datasheet HTML 1059Page - Renesas Technology Corp SH7261 Datasheet HTML 1060Page - Renesas Technology Corp SH7261 Datasheet HTML 1061Page - Renesas Technology Corp SH7261 Datasheet HTML 1062Page - Renesas Technology Corp SH7261 Datasheet HTML 1063Page - Renesas Technology Corp SH7261 Datasheet HTML 1064Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1060 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1028 of 1312
REJ09B0320-0200
22.4.4
A/D Converter Activation by External Trigger, MTU2, or TMR
The A/D converter can be independently activated by an A/D conversion request from the external
trigger, MTU2, or TMR. To activate the A/D converter by the external trigger, MTU2, or TMR,
set the A/D trigger enable bits (TRGS[3:0]). After this bit setting has been made, the ADST bit is
automatically set to 1 and A/D conversion is started when an A/D conversion request from the
external trigger, MTU2, or TMR occurs. The channel combination is determined by the CH[2:0]
bits in ADCSR. The timing from setting of the ADST bit until the start of A/D conversion is the
same as when 1 is written to the ADST bit by software.
22.4.5
Input Sampling and A/D Conversion Time
The A/D converter has a built-in sample-and-hold circuit. The A/D converter samples the analog
input at the A/D conversion start delay time (t
D) after the ADST bit in ADCSR is set to 1, then
starts conversion. Figure 22.5 shows the A/D conversion timing. Table 22.4 indicates the A/D
conversion time.
As indicated in figure 22.5, the A/D conversion time (t
CONV) includes tD and the input sampling
time(t
SPL). The length of tD varies depending on the timing of the write access to ADCSR. The total
conversion time therefore varies within the ranges indicated in table 22.4.
In multi mode and scan mode, the values given in table 22.4 apply to the first conversion. In the
second and subsequent conversions, time is the values given in table 22.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com