Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1061 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1061 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1057Page - Renesas Technology Corp SH7261 Datasheet HTML 1058Page - Renesas Technology Corp SH7261 Datasheet HTML 1059Page - Renesas Technology Corp SH7261 Datasheet HTML 1060Page - Renesas Technology Corp SH7261 Datasheet HTML 1061Page - Renesas Technology Corp SH7261 Datasheet HTML 1062Page - Renesas Technology Corp SH7261 Datasheet HTML 1063Page - Renesas Technology Corp SH7261 Datasheet HTML 1064Page - Renesas Technology Corp SH7261 Datasheet HTML 1065Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1061 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1029 of 1312
REJ09B0320-0200
(1)
(2)
P
φ
ADIF
t
D
t
SPL
t
CONV
Write
signal
Input sampling
timing
(1):
(2):
t
D:
t
SPL:
t
CONV:
[Legend]
Address
ADCSR write cycle
ADCSR address
A/D conversion start delay time
Input sampling time
A/D conversion time
Figure 22.5 A/D Conversion Timing
Table 22.4
A/D Conversion Time (Single Mode)
CKS1 = 0
CKS1 = 1
CKS0 = 0
CKS0 = 1
CKS0 = 0
Item
Symbol
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
A/D conversion
start delay time
t
D
11
—
14
19
—
26
35
—
50
Input sampling
time
t
SPL
—
33
—
—
65
—
—
129
—
A/D conversion
time
t
CONV
135
—
138
267
—
274
531
—
546
Note:
Values in the table are the numbers of states.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com