Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1062 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1062 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1058Page - Renesas Technology Corp SH7261 Datasheet HTML 1059Page - Renesas Technology Corp SH7261 Datasheet HTML 1060Page - Renesas Technology Corp SH7261 Datasheet HTML 1061Page - Renesas Technology Corp SH7261 Datasheet HTML 1062Page - Renesas Technology Corp SH7261 Datasheet HTML 1063Page - Renesas Technology Corp SH7261 Datasheet HTML 1064Page - Renesas Technology Corp SH7261 Datasheet HTML 1065Page - Renesas Technology Corp SH7261 Datasheet HTML 1066Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1062 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1030 of 1312
REJ09B0320-0200
Table 22.5
A/D Conversion Time (Multi Mode and Scan Mode)
CKS1
CKS0
Conversion Time (States)
0
128 (constant)
0
1
256 (constant)
1
0
512 (constant)
Note:
Values in the table are the numbers of states.
22.4.6
External Trigger Input Timing
A/D conversion can also be externally triggered. When the TRGS[3:0] bits in ADCSR are set to
B'1001, an external trigger is input to the
ADTRG pin. The ADST bit in ADCSR is set to 1 at the
falling edge of the
ADTRG pin, thus starting A/D conversion. Other operations, regardless of the
operating mode, are the same as when the ADST bit has been set to 1 by software. Figure 22.6
shows the timing.
P
φ
ADST
A/D conversion
ADTRG
Internal trigger
signal
Figure 22.6 External Trigger Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com