Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1063 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1063 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1059Page - Renesas Technology Corp SH7261 Datasheet HTML 1060Page - Renesas Technology Corp SH7261 Datasheet HTML 1061Page - Renesas Technology Corp SH7261 Datasheet HTML 1062Page - Renesas Technology Corp SH7261 Datasheet HTML 1063Page - Renesas Technology Corp SH7261 Datasheet HTML 1064Page - Renesas Technology Corp SH7261 Datasheet HTML 1065Page - Renesas Technology Corp SH7261 Datasheet HTML 1066Page - Renesas Technology Corp SH7261 Datasheet HTML 1067Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1063 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1031 of 1312
REJ09B0320-0200
22.5
Interrupt Sources and DMAC Transfer Request
The A/D converter generates an A/D conversion end interrupt (ADI) at the end of A/D conversion.
An ADI interrupt request is generated if the ADIE bit is set to 1 when the ADF bit in ADCSR is
set to 1 on completion of A/D conversion. Note that the direct memory access controller (DMAC)
can be activated by an ADI interrupt depending on the DMAC setting. In this case, an interrupt is
not issued to the CPU. If the setting to activate the DMAC has not been made, an interrupt request
is sent to the CPU. Having the converted data read by the DMAC in response to an ADI interrupt
enables continuous conversion to be achieved without imposing a load on software.
In single mode, set the DMAC so that DMA transfer initiated by an ADI interrupt is performed
only once. In the case of A/D conversion on multiple channels in scan mode or multi mode, setting
the DMA transfer count to one causes DMA transfer to finish after transferring only one channel
of data. To make the DMAC transfer all conversion data, set the ADDR where A/D conversion
data is stored as the transfer source address, and the number of converted channels as the transfer
count.
When the DMAC is activated by ADI, the ADF bit in ADCSR is automatically cleared to 0 when
data is transferred by the DMAC.
Table 22.6
Relationship between Interrupt Sources and DMAC Transfer Request
Name
Interrupt Source
Interrupt Flag
DMAC Activation
ADI
A/D conversion end
ADF in ADCSR
Possible
22.6
Definitions of A/D Conversion Accuracy
The A/D converter compares an analog value input from an analog input channel with its analog
reference value and converts it to 10-bit digital data. The absolute accuracy of this A/D conversion
is the deviation between the input analog value and the output digital value. It includes the
following errors:
• Offset error
• Full-scale error
• Quantization error
• Nonlinearity error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com