Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1067 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1067 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1063Page - Renesas Technology Corp SH7261 Datasheet HTML 1064Page - Renesas Technology Corp SH7261 Datasheet HTML 1065Page - Renesas Technology Corp SH7261 Datasheet HTML 1066Page - Renesas Technology Corp SH7261 Datasheet HTML 1067Page - Renesas Technology Corp SH7261 Datasheet HTML 1068Page - Renesas Technology Corp SH7261 Datasheet HTML 1069Page - Renesas Technology Corp SH7261 Datasheet HTML 1070Page - Renesas Technology Corp SH7261 Datasheet HTML 1071Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1067 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1035 of 1312
REJ09B0320-0200
AN0 to AN7
3 k
Ω
20 pF
To A/D converter
Note: Values are reference values.
Figure 22.9 Analog Input Pin Equivalent Circuit
Table 22.7
Analog Input Pin Ratings
Item
Min.
Max.
Unit
Analog input capacitance
20
pF
Allowable signal-source impedance
5
k
Ω
22.7.5
Permissible Signal Source Impedance
This LSI's analog input is designed such that conversion precision is guaranteed for an input signal
for which the signal source impedance is 5 k
Ω or less. This specification is provided to enable the
A/D converter's sample-and-hold circuit input capacitance to be charged within the sampling time;
if the sensor output impedance exceeds 5 k
Ω, charging may be insufficient and it may not be
possible to guarantee A/D conversion precision. However, for A/D conversion in single mode with
a large capacitance provided externally for A/D conversion in single mode, the input load will
essentially comprise only the internal input resistance of 3 k
Ω, and the signal source impedance is
ignored. However, as a low-pass filter effect is obtained in this case, it may not be possible to
follow an analog signal with a large differential coefficient (e.g., 5 mV/
µs or greater) (see
figure 22.10). When converting a high-speed analog signal, a low-impedance buffer should be
inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com