Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1068 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1068 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1064Page - Renesas Technology Corp SH7261 Datasheet HTML 1065Page - Renesas Technology Corp SH7261 Datasheet HTML 1066Page - Renesas Technology Corp SH7261 Datasheet HTML 1067Page - Renesas Technology Corp SH7261 Datasheet HTML 1068Page - Renesas Technology Corp SH7261 Datasheet HTML 1069Page - Renesas Technology Corp SH7261 Datasheet HTML 1070Page - Renesas Technology Corp SH7261 Datasheet HTML 1071Page - Renesas Technology Corp SH7261 Datasheet HTML 1072Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1068 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1036 of 1312
REJ09B0320-0200
Sensor input
This LSI
Sensor output impedance
Low-pass filter
C to 0.1
µF
Up to 5 k
Ω
Cin =
15 pF
20 pF
3 k
Ω
Note: Values are reference values.
A/D converter
equivalent circuit
Figure 22.10 Example of Analog Input Circuit
22.7.6
Influences on Absolute Precision
Adding capacitance results in coupling with GND, and therefore noise in GND may adversely
affect absolute precision. Be sure to connect AVss, etc. to an electrically stable GND.
Care is also required to insure that filter circuits do not communicate with digital signals on the
mounting board (i.e., acting as antennas).
22.7.7
Usage Note when Shifting to Single Mode during A/D Conversion
During the A/D conversion in scan mode or multi mode, if the A/D conversion is stopped by
clearing the A/D start bit (ADST) in ADCSR to 0 and restarted after a transition to single mode,
make sure to set ASDT to 1 after the time required for one-channel A/D conversion has elapsed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com