Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1072 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1072 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1068Page - Renesas Technology Corp SH7261 Datasheet HTML 1069Page - Renesas Technology Corp SH7261 Datasheet HTML 1070Page - Renesas Technology Corp SH7261 Datasheet HTML 1071Page - Renesas Technology Corp SH7261 Datasheet HTML 1072Page - Renesas Technology Corp SH7261 Datasheet HTML 1073Page - Renesas Technology Corp SH7261 Datasheet HTML 1074Page - Renesas Technology Corp SH7261 Datasheet HTML 1075Page - Renesas Technology Corp SH7261 Datasheet HTML 1076Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1072 / 1348 page
background image
Section 23 D/A Converter (DAC)
Rev. 2.00 Sep. 07, 2007 Page 1040 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
5
DAE
0
R/W
D/A Enable
Used together with the DAOE0 and DAOE1 bits to control
D/A conversion. Output of conversion results is always
controlled by the DAOE0 and DAOE1 bits. For details,
see table 23.3.
0: D/A conversion for channels 0 and 1 is controlled
independently
1: D/A conversion for channels 0 and 1 is controlled
together
4 to 0
All 1
Reserved
These bits are always read as 1 and cannot be modified.
Table 23.3
Control of D/A Conversion
Bit 5
Bit 7
Bit 6
DAE
DAOE1
DAOE0
Description
0
D/A conversion is disabled.
0
1
D/A conversion of channel 0 is enabled and D/A conversion
of channel 1 is disabled.
0
D/A conversion of channel 1 is enabled and D/A conversion
of channel 0 is disabled.
0
1
1
D/A conversion of channels 0 and 1 is enabled.
0
D/A conversion is disabled.
0
1
0
1
1
1
D/A conversion of channels 0 and 1 is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com