Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1076 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1076 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1072Page - Renesas Technology Corp SH7261 Datasheet HTML 1073Page - Renesas Technology Corp SH7261 Datasheet HTML 1074Page - Renesas Technology Corp SH7261 Datasheet HTML 1075Page - Renesas Technology Corp SH7261 Datasheet HTML 1076Page - Renesas Technology Corp SH7261 Datasheet HTML 1077Page - Renesas Technology Corp SH7261 Datasheet HTML 1078Page - Renesas Technology Corp SH7261 Datasheet HTML 1079Page - Renesas Technology Corp SH7261 Datasheet HTML 1080Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1076 / 1348 page
background image
Section 24 I/O Ports
Rev. 2.00 Sep. 07, 2007 Page 1044 of 1312
REJ09B0320-0200
24.1.1
Register Configuration
Table 24.1 lists the port A registers.
Table 24.1
Register Configuration
Register Name
Abbreviation
R/W
Address
Access Size
Port A data register H
PADRH
R/W
H'FFFE3800
8, 16, 32
Port A data register L
PADRL
R/W
H'FFFE3802
8, 16
Port A port register H
PAPRH
R
H'FFFE3804
8, 16, 32
Port A port register L
PAPRL
R
H'FFFE3806
8, 16
24.1.2
Port A Data Registers H and L (PADRH and PADRL)
PADRH and PADRL are 16-bit readable/writable registers that store port A data. Bits PA31DR to
PA0DR correspond to pins PA31 to PA0, respectively.
If a pin is set to the general output function, the pin will output the value written to the
corresponding bit in PADRH or PADRL, and the register value is read from PADRH or PADRL
regardless of the state of the pin.
If a pin is set to the general input function, the pin state, not the register value, will be returned if
PADRH or PADRL is read. Also, if a value is written to PADRH or PADRL, although the value
will actually be written, it will have no influence on the state of the pin. Table 24.2 summarizes
the PADRH and PADRL read/write operations.
PADRH and PADRL are initialized to H'0000 by a power-on reset or in deep standby mode.
These registers are not initialized either by a manual reset or by switching to sleep mode or
software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com