Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1074 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1074 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1070Page - Renesas Technology Corp SH7261 Datasheet HTML 1071Page - Renesas Technology Corp SH7261 Datasheet HTML 1072Page - Renesas Technology Corp SH7261 Datasheet HTML 1073Page - Renesas Technology Corp SH7261 Datasheet HTML 1074Page - Renesas Technology Corp SH7261 Datasheet HTML 1075Page - Renesas Technology Corp SH7261 Datasheet HTML 1076Page - Renesas Technology Corp SH7261 Datasheet HTML 1077Page - Renesas Technology Corp SH7261 Datasheet HTML 1078Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1074 / 1348 page
background image
Section 23 D/A Converter (DAC)
Rev. 2.00 Sep. 07, 2007 Page 1042 of 1312
REJ09B0320-0200
23.5
Usage Notes
23.5.1
Module Standby Mode Setting
Operation of the D/A converter can be disabled or enabled using the standby control register. The
initial setting is for operation of the D/A converter to be halted. Register access is enabled by
canceling module standby mode. For details, see section 27, Power-Down Modes.
23.5.2
D/A Output Hold Function in Software Standby Mode
When this LSI enters software standby mode with D/A conversion enabled, the D/A outputs are
retained, and the analog power supply current is equal to as during D/A conversion. If the analog
power supply current needs to be reduced in software standby mode, clear the DAOE0, DAOE1,
and DAE bits to 0 to disable the D/A outputs.
23.5.3
D/A Conversion and D/A Output in Deep Standby Mode
When this LSI enters deep standby mode with D/A conversion enabled, the D/A conversion is
stopped and thus the D/A outputs are also stopped. Before entering deep standby mode, clear the
DAOE0, DAOE1, and DAE bits to 0 to disable the D/A outputs.
23.5.4
Setting Analog Input Voltage
The reliability of this LSI may be adversely affected if the following voltage ranges are exceeded.
1. AVcc and AVss input voltages
Input voltages AVcc and AVss should be PVcc
− 0.3 V ≤ AVcc ≤ PVcc and AVss = PVss. Do
not leave the AVcc and AVss pins open when the A/D converter or D/A converter is not in use
and in software standby mode. When not in use, connect AVcc to the power supply (PVcc) and
AVss to the ground (PVss).
2. Setting range of AVref input voltage
Set the reference voltage range of the AVref pin as 3.0 V
≤ AVref ≤ AVcc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com