Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1075 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1075 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1071Page - Renesas Technology Corp SH7261 Datasheet HTML 1072Page - Renesas Technology Corp SH7261 Datasheet HTML 1073Page - Renesas Technology Corp SH7261 Datasheet HTML 1074Page - Renesas Technology Corp SH7261 Datasheet HTML 1075Page - Renesas Technology Corp SH7261 Datasheet HTML 1076Page - Renesas Technology Corp SH7261 Datasheet HTML 1077Page - Renesas Technology Corp SH7261 Datasheet HTML 1078Page - Renesas Technology Corp SH7261 Datasheet HTML 1079Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1075 / 1348 page
background image
Section 24 I/O Ports
Rev. 2.00 Sep. 07, 2007 Page 1043 of 1312
REJ09B0320-0200
Section 24 I/O Ports
This LSI has six ports: A to F.
All port pins are multiplexed with other pin functions. The functions of the multiplexed pins are
selected using the pin function controller (PFC).
Each port is provided with a data register for storing the pin data and a port read register for
reading out the pin values.
24.1
Port A
Port A is an I/O port with 32 pins shown in figure 24.1.
Port A
PA31 (I/O) / CRx1 (Input) / DTEND0 (Output)
PA30 (I/O) / CTx1 (Output) / DACT0 (Output)
PA29 (I/O) / CRx0 (Input) / DACK0 (Output)
PA28 (I/O) / CTx0 (Output) / DREQ0 (Input)
PA27 (I/O) / A27 (Output) / PINT3 (Input) / DTEND3 (Output)
PA26 (I/O) / A26 (Output) / PINT2 (Input) / DACT3 (Output)
PA25 (I/O) / A25 (Output) / PINT1 (Input) / DACK3 (Output)
PA24 (I/O) / A24 (Output) / PINT0 (Input) / DREQ3 (Input)
PA23 (I/O) / A23 (Output)
PA22 (I/O) / A22 (Output)
PA21 (I/O) / A21 (Output)
PA20 (I/O) / A20 (Output)
PA19 (I/O) / A19 (Output)
PA18 (I/O) / A18 (Output)
PA17 (I/O) / A17 (Output)
PA16 (I/O) / A16 (Output)
PA15 (I/O) / A15 (Output)
PA14 (I/O) / A14 (Output)
PA13 (I/O) / A13 (Output)
PA12 (I/O) / A12 (Output)
PA11 (I/O) / A11 (Output)
PA10 (I/O) / A10 (Output)
PA9 (I/O) / A9 (Output)
PA8 (I/O) / A8 (Output)
PA7 (I/O) / A7 (Output)
PA6 (I/O) / A6 (Output)
PA5 (I/O) / A5 (Output)
PA4 (I/O) / A4 (Output)
PA3 (I/O) / A3 (Output)
PA2 (I/O) / A2 (Output)
PA1 (I/O) / A1 (Output)
PA0 (I/O) / A0 (Output)
Figure 24.1 Port A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com