| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 1071 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 1071 Page - Renesas Technology Corp |
|
1071 / 1348 page ![]() Section 23 D/A Converter (DAC) Rev. 2.00 Sep. 07, 2007 Page 1039 of 1312 REJ09B0320-0200 23.3.1 D/A Data Registers 0 and 1 (DADR0 and DADR1) DADR is an 8-bit readable/writable register that stores data to which D/A conversion is to be performed. Whenever analog output is enabled, the values in DADR are converted and output to the analog output pins. DADR is initialized to H'00 by a power-on reset in deep standby mode or module standby mode. 7654321 0 00000000 R/W R/W R/W R/W R/W R/W R/W R/W Bit: Initial value: R/W: 23.3.2 D/A Control Register (DACR) DACR is an 8-bit readable/writable register that controls the operation of the D/A converter. DACR is initialized to H'1F by a power-on reset in deep standby mode or module standby mode. 7654321 0 00011111 R/W R/W R/W ————— Bit: Initial value: R/W: DAOE1 DAOE0 DAE ————— Bit Bit Name Initial Value R/W Description 7 DAOE1 0 R/W D/A Output Enable 1 Controls D/A conversion and analog output for channel 1. 0: Analog output of channel 1 (DA1) is disabled 1: D/A conversion of channel 1 is enabled. Analog output of channel 1 (DA1) is enabled. 6 DAOE0 0 R/W D/A Output Enable 0 Controls D/A conversion and analog output for channel 0. 0: Analog output of channel 0 (DA0) is disabled 1: D/A conversion of channel 0 is enabled. Analog output of channel 0 (DA0) is enabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |