Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1065 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1065 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1061Page - Renesas Technology Corp SH7261 Datasheet HTML 1062Page - Renesas Technology Corp SH7261 Datasheet HTML 1063Page - Renesas Technology Corp SH7261 Datasheet HTML 1064Page - Renesas Technology Corp SH7261 Datasheet HTML 1065Page - Renesas Technology Corp SH7261 Datasheet HTML 1066Page - Renesas Technology Corp SH7261 Datasheet HTML 1067Page - Renesas Technology Corp SH7261 Datasheet HTML 1068Page - Renesas Technology Corp SH7261 Datasheet HTML 1069Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1065 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1033 of 1312
REJ09B0320-0200
22.7
Usage Notes
When using the A/D converter, note the following points.
22.7.1
Module Standby Mode Setting
Operation of the A/D converter can be disabled or enabled using the standby control register. The
initial setting is for operation of the A/D converter to be halted. Register access is enabled by
clearing module standby mode. For details, see section 27, Power-Down Modes.
22.7.2
Setting Analog Input Voltage
Permanent damage to the LSI may result if the following voltage ranges are exceeded.
1. Analog input range
During A/D conversion, voltages on the analog input pins ANn should not go beyond the
following range: AVss
≤ ANn ≤ AVcc (n = 0 to 7).
2. AVcc and AVss input voltages
Input voltages AVcc and AVss should be PVcc
− 0.3 V ≤ AVcc ≤ PVcc and AVss = PVss. Do
not leave the AVcc and AVss pins open when the A/D converter or D/A converter is not in use
and in software standby mode. When not in use, connect AVcc to the power supply (PVcc) and
AVss to the ground (PVss).
3. Setting range of AVref input voltage
Set the reference voltage range of the AVref pin as 3.0 V
≤ AVref ≤ AVcc.
22.7.3
Notes on Board Design
In board design, digital circuitry and analog circuitry should be as mutually isolated as possible,
and layout in which digital circuit signal lines and analog circuit signal lines cross or are in close
proximity should be avoided as far as possible. Failure to do so may result in incorrect operation
of the analog circuitry due to inductance, adversely affecting A/D conversion values.
Digital circuitry must be isolated from the analog input signals (AN0 to AN7), analog reference
voltage (AVref), and analog power supply (AVcc) by the analog ground (AVss). Also, the analog
ground (AVss) should be connected at one point to a stable digital ground (PVss) on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com