Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 1066 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 1066 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 1062Page - Renesas Technology Corp SH7261 Datasheet HTML 1063Page - Renesas Technology Corp SH7261 Datasheet HTML 1064Page - Renesas Technology Corp SH7261 Datasheet HTML 1065Page - Renesas Technology Corp SH7261 Datasheet HTML 1066Page - Renesas Technology Corp SH7261 Datasheet HTML 1067Page - Renesas Technology Corp SH7261 Datasheet HTML 1068Page - Renesas Technology Corp SH7261 Datasheet HTML 1069Page - Renesas Technology Corp SH7261 Datasheet HTML 1070Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1066 / 1348 page
background image
Section 22 A/D Converter (ADC)
Rev. 2.00 Sep. 07, 2007 Page 1034 of 1312
REJ09B0320-0200
22.7.4
Processing of Analog Input Pins
To prevent damage from voltage surges at the analog input pins (AN0 to AN7), connect an input
protection circuit like the one shown in figure 22.8. The circuit shown also includes a CR filter to
suppress noise. This circuit is shown as an example; the circuit constants should be selected
according to actual application conditions.
Figure 22.9 shows an equivalent circuit diagram of the analog input ports and table 22.7 lists the
analog input pin specifications.
This LSI
AVref
AVcc
AN0 to AN7
AVss
*1
*1
*2
Rin
100
Ω
0.1
µF
Notes: Values are reference values.
2. R
in: Input impedance
0.01
µF
10
µF
1.
Figure 22.8 Example of Analog Input Protection Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com