Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 181Page - Renesas Technology Corp SH7261 Datasheet HTML 182Page - Renesas Technology Corp SH7261 Datasheet HTML 183Page - Renesas Technology Corp SH7261 Datasheet HTML 184Page - Renesas Technology Corp SH7261 Datasheet HTML 185Page - Renesas Technology Corp SH7261 Datasheet HTML 186Page - Renesas Technology Corp SH7261 Datasheet HTML 187Page - Renesas Technology Corp SH7261 Datasheet HTML 188Page - Renesas Technology Corp SH7261 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 1348 page
background image
Section 6 Interrupt Controller (INTC)
Rev. 2.00 Sep. 07, 2007 Page 153 of 1312
REJ09B0320-0200
6.7
Interrupt Response Time
Table 6.5 lists the interrupt response time, which is the time from the occurrence of an interrupt
request until the interrupt exception handling starts and fetching of the first instruction in the
interrupt exception service routine begins. The interrupt processing operations differ in the cases
when banking is disabled, when banking is enabled without register bank overflow, and when
banking is enabled with register bank overflow. Figures 6.4 and 6.5 show examples of pipeline
operation when banking is disabled. Figures 6.6 and 6.7 show examples of pipeline operation
when banking is enabled without register bank overflow. Figures 6.8 and 6.9 show examples of
pipeline operation when banking is enabled with register bank overflow.
Table 6.5
Interrupt Response Time
Number of States
Item
NMI
User Break
H-UDI
IRQ, PINT
Peripheral
Module
Remarks
Time from occurrence of
interrupt request until interrupt
controller identifies priority,
compares it with mask bits in
SR, and sends interrupt request
signal to CPU
2 Icyc +
2 Bcyc +
1 Pcyc
3 Icyc
2 Icyc +
1 Pcyc
2 Icyc +
3 Bcyc +
1 Pcyc
2 Icyc +
1 Bcyc +
1 Pcyc
Min.
3 Icyc + m1 + m2
No
register
banking
Max.
4 Icyc + 2 (m1 + m2) + m3
Min. is when the interrupt
wait time is zero.
Max. is when a higher-
priority interrupt request
has occurred during
interrupt exception
handling.
Min.
3 Icyc + m1 + m2
Register
banking
without
register
bank
overflow
Max.
12 Icyc + m1 + m2
Min. is when the interrupt
wait time is zero.
Max. is when an interrupt
request has occurred
during execution of the
RESBANK instruction.
Min.
3 Icyc + m1 + m2
Time from
input of
interrupt
request
signal to
CPU until
sequence
currently
being
executed is
completed,
interrupt
exception
handling
starts, and
first
instruction in
interrupt
exception
service
routine is
fetched
Register
banking
with
register
bank
overflow
Max.
3 Icyc + m1 + m2 + 19 (m4)
Min. is when the interrupt
wait time is zero.
Max. is when an interrupt
request has occurred
during execution of the
RESBANK instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com