| Electronic Components Datasheet Search |
|
SH7261 Datasheet(PDF) 239 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7261 Datasheet(HTML) 239 Page - Renesas Technology Corp |
|
239 / 1348 page ![]() Section 9 Bus State Controller (BSC) Rev. 2.00 Sep. 07, 2007 Page 207 of 1312 REJ09B0320-0200 9.2 Input/Output Pins Table 9.1 shows the pin configuration of the BSC. Table 9.1 Pin Configuration Name I/O Function A27 to A0 Output Address bus D31 to D0 I/O Data bus CS6 to CS0 Output Chip select RD Output Read pulse signal (read data output enable signal) WR3 Output When accessing the 32-bit bus area, indicates that D31 to D24 are being written to in byte-write mode. WR2 Output When accessing the 32-bit bus area, indicates that D23 to D16 are being written to in byte-write mode. WR1 Output When accessing the 32-bit bus area, indicates that D15 to D8 are being written to in byte-write mode. When accessing the 16-bit bus area, indicates that D15 to D8 are being written to in byte-write mode. WR0 Output When accessing the 8-bit bus area, indicates that D7 to D0 are being written to in byte-write mode. BC3 Output When accessing the 32-bit bus area, indicates that D31 to D24 are being accessed in byte-access mode. BC2 Output When accessing the 32-bit bus area, indicates that D23 to D16 are being written to in byte-write mode. BC1 Output When accessing the 32-bit bus area, indicates that D15 to D8 are being accessed in byte-access mode. When accessing the 16-bit bus area, indicates that D15 to D8 are being accessed in byte-access mode. BC0 Output When accessing the 8-bit bus area, indicates that D7 to D0 are being accessed in byte-access mode. SDCS1, SDCS0 Output Connects to CS pin when SDRAM is connected. SDRAS Output Connects to RAS pin when SDRAM is connected. SDCAS Output Connects to CAS pin when SDRAM is connected. SDWE Output Connects to WE pin when SDRAM is connected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |