Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 237Page - Renesas Technology Corp SH7261 Datasheet HTML 238Page - Renesas Technology Corp SH7261 Datasheet HTML 239Page - Renesas Technology Corp SH7261 Datasheet HTML 240Page - Renesas Technology Corp SH7261 Datasheet HTML 241Page - Renesas Technology Corp SH7261 Datasheet HTML 242Page - Renesas Technology Corp SH7261 Datasheet HTML 243Page - Renesas Technology Corp SH7261 Datasheet HTML 244Page - Renesas Technology Corp SH7261 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 209 of 1312
REJ09B0320-0200
9.3
Area Overview
9.3.1
Address Map
In the architecture, this LSI has a 32-bit address space, which is divided into cache-enabled, cache-
disabled, and on-chip spaces (on-chip RAM, on-chip peripheral modules, and reserved areas)
according to the upper bits of the address.
External address spaces CS5 to CS0 are cache-enabled when internal address A29 = 0 and cache-
disabled when A29 = 1. The CS6 space is always cache-disabled.
The kind of memory to be connected and the data bus width are specified independently for each
partial space. The address map for the external address space is listed below.
Table 9.2
Address Map
Internal Address
Space
Memory to be Connected
Cache
H'00000000 to H'03FFFFFF
CS0
Normal space
H'04000000 to H'07FFFFFF
CS1
Normal space
H'08000000 to H'0BFFFFFF
SDRAM0
SDRAM
H'0C000000 to H'0FFFFFFF
SDRAM1
SDRAM
H'10000000 to H'13FFFFFF
CS2
Normal space
H'14000000 to H'17FFFFFF
CS3
Normal space
H'18000000 to H'1BFFFFFF
CS4
Normal space
H'1C000000 to H'1FFFFFFF
CS5
Normal space
Cache-
enabled
H'20000000 to H'23FFFFFF
CS0
Normal space
H'24000000 to H'27FFFFFF
CS1
Normal space
H'28000000 to H'2BFFFFFF
SDRAM0
SDRAM
H'2C000000 to H'2FFFFFFF
SDRAM1
SDRAM
H'30000000 to H'33FFFFFF
CS2
Normal space
H'34000000 to H'37FFFFFF
CS3
Normal space
H'38000000 to H'3BFFFFFF
CS4
Normal space
H'3C000000 to H'3FFFFFFF
CS5
Normal space
Cache-
disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com