Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 245 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 245 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 241Page - Renesas Technology Corp SH7261 Datasheet HTML 242Page - Renesas Technology Corp SH7261 Datasheet HTML 243Page - Renesas Technology Corp SH7261 Datasheet HTML 244Page - Renesas Technology Corp SH7261 Datasheet HTML 245Page - Renesas Technology Corp SH7261 Datasheet HTML 246Page - Renesas Technology Corp SH7261 Datasheet HTML 247Page - Renesas Technology Corp SH7261 Datasheet HTML 248Page - Renesas Technology Corp SH7261 Datasheet HTML 249Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 213 of 1312
REJ09B0320-0200
Register Name
Abbreviation
R/W
Initial Value
Address
Access
Size
SDRAM power-down control
register
SDPWDCNT
R/W
H'00000000
H'FF422010
8, 16, 32
SDRAM deep-power-down
control register
SDDPWDCNT R/W
H'00000000
H'FF422014
8, 16, 32
SDRAM0 address register
SD0ADR
R/W
H'00000x0x
H'FF422020
8, 16, 32
SDRAM0 timing register
SD0TR
R/W
H'000xxx0x
H'FF422024
8, 16, 32
SDRAM0 mode register
SD0MOD
R/W
H'0000xxxx
H'FF422028
16, 32
SDRAM1 address register
SD1ADR
R/W
H'00000x0x
H'FF422040
8, 16, 32
SDRAM1 timing register
SD1TR
R/W
H'000xxx0x
H'FF422044
8, 16, 32
SDRAM1 mode register
SD1MOD
R/W
H'0000xxxx
H'FF422048
16, 32
SDRAM status register
SDSTR
R/W
H'00000000
H'FF4220E4
8, 16, 32
SDRAM clock stop control
signal setting register
SDCKSCNT
R/W
H'0000000F
H'FF4220E8
8, 16, 32
AC characteristics switching
register
ACSWR
R/W
H'00000000
H'FFFD8808
8, 16, 32
Note:
*
Depends on the setting of the MD pin.
9.4.1
CSn Control Register (CSnCNT) (n = 0 to 6)
CSnCNT selects the width of the external bus and controls the operation of the CSC interface.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
R
R
R
R
R
R
R
R
R
R
R/W
R/W
R
R
R
R/W
0000000000000000
RRRRRRRRRRRRRRRR
*1
*1
*2
—
BSIZE[1:0]
EXENB
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
——
—
—
———————
Bit
Bit Name
Initial
Value
R/W
Description
31 to 22
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com