Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 244Page - Renesas Technology Corp SH7261 Datasheet HTML 245Page - Renesas Technology Corp SH7261 Datasheet HTML 246Page - Renesas Technology Corp SH7261 Datasheet HTML 247Page - Renesas Technology Corp SH7261 Datasheet HTML 248Page - Renesas Technology Corp SH7261 Datasheet HTML 249Page - Renesas Technology Corp SH7261 Datasheet HTML 250Page - Renesas Technology Corp SH7261 Datasheet HTML 251Page - Renesas Technology Corp SH7261 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 216 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
19 to 16 RRCV[3:0]
0000
R/W
Post-Read Data Recovery Cycle Setting
These bits specify the number of data recovery cycles
to be inserted after read accesses to the external bus.
If a value other than 0 is selected, data recovery cycles
are inserted in the following cases:
If a read access to the external bus is followed by a
write access to the external bus. (Data recovery cycles
are inserted even when access is performed
sequentially to the same CSC channel.)
If a read access to the external bus is followed by a
read access to a different CSC channel. (No data
recovery cycles are inserted in cases of sequential
read accesses to the same CSC channel.)
Note that if idle cycles occur between accesses to the
external bus, the number of data recovery cycles
inserted is reduced by the number of idle cycles.
0000: 0 cycle
0001: 1 cycles
:
1111: 15 cycles
15 to 0
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
Notes: 1. When accessing SDRAM, there is no danger of data collision on the bus due to timing.
Consequently, there is no data recovery cycle setting for SDRAM. (The value is fixed at
0 cycles.)
2. Writing to the CSn recovery cycle setting register (CSnREC) must be done while CSC
for the corresponding channel is disabled (EXENB
= 0). Only channel 0 (CS0) can be
enabled by setting EXENB = 1. To enable channel 0, stop the DMAC and set EXENB to
1 between the reset release and data write access to CS0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com