Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 250 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 250 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 246Page - Renesas Technology Corp SH7261 Datasheet HTML 247Page - Renesas Technology Corp SH7261 Datasheet HTML 248Page - Renesas Technology Corp SH7261 Datasheet HTML 249Page - Renesas Technology Corp SH7261 Datasheet HTML 250Page - Renesas Technology Corp SH7261 Datasheet HTML 251Page - Renesas Technology Corp SH7261 Datasheet HTML 252Page - Renesas Technology Corp SH7261 Datasheet HTML 253Page - Renesas Technology Corp SH7261 Datasheet HTML 254Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 218 of 1312
REJ09B0320-0200
To disable the operation for each channel, forcibly write out data tentatively stored in internal
write buffer. The procedure is as follows:
1. Execute read access to the channel whose operation is to be disabled.
2. Then, write 0 to the EXENB bit (operation disabled).
9.4.4
CSn Mode Register (CSMODn) (n = 0 to 6)
CSMODn selects the mode for page read access and the bit boundary for page access, enables
page read/write access and external wait, and selects the mode for write access.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
R/W
R
R/W
R/W
R
R
R/W
R/W
R
R
R
R
R/W
R
R
R/W
0000000000000000
RRRRRRRRRRRRRRRR
PR
MOD
—
PBCNT[1:0]
—
—
PW
ENB
PR
ENB
————
EW
ENB
——
WR
MOD
————————————————
Bit
Bit Name
Initial
Value
R/W
Description
31
PRMOD
0
R/W
Page Read Access Mode Select
This bit selects the operating mode for page read
access. Clearing PRMOD to 0 selects the normal
access compatible mode. In this mode the
RD signal is
negated each time a unit of data is read and an RD
assert wait is inserted. Setting PRMOD to 1 selects the
external data read sequential assert mode. In this
mode
RD is asserted continuously between page
accesses.
0: Normal access compatible mode
1: External data read sequential assert mode
30
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com