Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 275Page - Renesas Technology Corp SH7261 Datasheet HTML 276Page - Renesas Technology Corp SH7261 Datasheet HTML 277Page - Renesas Technology Corp SH7261 Datasheet HTML 278Page - Renesas Technology Corp SH7261 Datasheet HTML 279Page - Renesas Technology Corp SH7261 Datasheet HTML 280Page - Renesas Technology Corp SH7261 Datasheet HTML 281Page - Renesas Technology Corp SH7261 Datasheet HTML 282Page - Renesas Technology Corp SH7261 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 247 of 1312
REJ09B0320-0200
4. Tdw1 to Tdwn (Write Data Output Delay Cycle)
In write access write data output delay cycles are inserted between the wait end cycle and the
following page access if the write data output delay wait setting is other than 0. Assertion of
the address and output data is extended for the duration of this interval. Also, the
WR signal is
negated (high level).
5. Tpw1 to Tpwn (Page Read Cycle Wait, Page Write Cycle Wait)
In page access the page read cycle wait and page write cycle wait settings are used in place of
the read cycle wait and write cycle wait settings for the second and subsequent bus cycles. The
WR assert wait setting works the same as during the first bus cycle. The RD assert wait setting
operates differently depending on the page read access mode (PRMOD) setting value.
PRMOD = 0: RD assert wait setting operates identically to first bus cycle.
PRMOD = 1: RD assert wait setting is invalid. Operation is the same as an RD assert wait
setting of 0.
6. Tend/Tdw1 to Tdwn (Wait End Cycle/Write Data Output Delay Cycle)
These operate the same as during the first access (3 and 4 above).
7. Tn1 to Tnm (CS Delay Cycle)
These are the cycles between the final wait end cycle and when
CSn is negated (high level).
The number of CS delay cycles is counted beginning from the wait end cycle.
8. Trd (Final Read Data Sample Cycle)
This is the final sample cycle for read data.
(3)
External Wait Function
The external wait signal (
WAIT) can be used to extend the wait cycle duration beyond the value
specified by the cycle wait (CSRWAIT, CSWWAIT) or page access cycle wait (CSPRWAIT,
CSPWWAIT) settings in the CSn wait control register (CSWCNTn). If external wait enable
(EWENB = 1) has been selected, wait cycles are inserted for as long as the
WAIT signal remains
low level. The
WAIT signal is disabled if external wait disable (EWENB = 0) has been selected.
Note that the wait cycles specified by the settings of the CSn wait control register (CSWCNTn)
are inserted regardless of the state of the
WAIT signal.
(a)
Normal Read/Write Operation
The
WAIT signal is sampled all the time and its result is reflected two cycles later. Thus, when the
WAIT signal is low two cycles before the end of the wait cycles, external cycles are inserted.
After the
WAIT signal has gone high, the wait cycles end two cycles later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com