Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 272Page - Renesas Technology Corp SH7261 Datasheet HTML 273Page - Renesas Technology Corp SH7261 Datasheet HTML 274Page - Renesas Technology Corp SH7261 Datasheet HTML 275Page - Renesas Technology Corp SH7261 Datasheet HTML 276Page - Renesas Technology Corp SH7261 Datasheet HTML 277Page - Renesas Technology Corp SH7261 Datasheet HTML 278Page - Renesas Technology Corp SH7261 Datasheet HTML 279Page - Renesas Technology Corp SH7261 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 244 of 1312
REJ09B0320-0200
4. Tn1 to Tnm (CS Delay Cycle)
These are the cycles between the wait end cycle and when
CSn is negated (high level). The
negation timing can be controlled using write data output delay cycles. The number of cycles is
counted beginning from the wait end cycle. In write access or if the number of CS delay cycles
during a read is other than 0 or 1, the succeeding bus access can start from the cycle following
the CS delay cycle end. If the number of CS delay cycles is 0 or 1 in read access, the
succeeding bus access can start after the end of the read data sample cycle (see below).
5. Trd (Read Data Sample Cycle)
This is the sample cycle for read data.
(2)
Page Access
Page read and write operation is employed for bus accesses for which page access can be used if
page write access enable (PWENB = 1) and page read access enable (PRENB = 1) have been
selected. Page access is used in the following cases.
1. CPU burst access (cache replacement)
2. When longword (32-bit) access to an 8-bit or 16-bit external data bus has been performed
3. When word (16-bit) access to an 8-bit external data bus has been performed
Table 9.6 shows the way addresses are modified in cases 1 above.
Table 9.6
Address Modification during Burst Access
Bus Master
Burst Mode
Address Modification
CPU
Increment
Incremented by single transfer byte count only.
Note:
*
Wrap boundary: Single transfer byte count × Burst transfer length
Figure 9.4 shows the basic operation of the external bus control signals in page read operation, and
figure 9.5 shows the basic operation of these signals in write operation. Note that if the number of
data bits accessed in a single burst is greater than the single page access bit boundary setting of the
PBCNT bits in the mode register, a single burst access will trigger multiple page accesses.
Regardless of whether the bust mode is increment or wraparound, page access stops temporarily
(the
CSn signal is negated) at the point when the address exceeds the page boundary, and page
access operation starts again. If the number of data bits accessed in a single burst is smaller than
the page boundary bit count, a single page access is sufficient to complete the burst transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com