Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 274 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 274 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 270Page - Renesas Technology Corp SH7261 Datasheet HTML 271Page - Renesas Technology Corp SH7261 Datasheet HTML 272Page - Renesas Technology Corp SH7261 Datasheet HTML 273Page - Renesas Technology Corp SH7261 Datasheet HTML 274Page - Renesas Technology Corp SH7261 Datasheet HTML 275Page - Renesas Technology Corp SH7261 Datasheet HTML 276Page - Renesas Technology Corp SH7261 Datasheet HTML 277Page - Renesas Technology Corp SH7261 Datasheet HTML 278Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 242 of 1312
REJ09B0320-0200
Bit
Bit Name
Initial
Value
R/W
Description
3 to 0
ACOSW[3:0] 0000
R/W
AC Characteristics Switch
These bits specify AC characteristics switching.
0000: Does not extend the delay time
0011: Switches characteristics and extends the delay
time
Other than above: Setting prohibited
9.5
Operation
9.5.1
CSC Interface
(1)
Normal Access
Normal read/write operation is used for all bus access when page read/write access is disabled
(PRENB = 0, PWENB = 0). Even when page read/write access is enabled (PRENB = 1, PWENB
= 1), normal read/write operation is employed in cases where page access cannot be used. Figure
9.2 shows the basic operation of the external bus control signals in read operation, and figure 9.3
shows the basic operation of these signals in write operation.
CKIO
Ts
Tw1
Tw2
Tend
(Trd)
Twn
Tn1
Tn2
Tnm
A27 to A0
CSn
RD
WR
D31 to D0
Read cycle wait
CS assert wait
RD assert wait
Start enable point
of next bus access
CS delay
cycle during read
Figure 9.2 Basic Bus Timing (Read Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com