Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 266Page - Renesas Technology Corp SH7261 Datasheet HTML 267Page - Renesas Technology Corp SH7261 Datasheet HTML 268Page - Renesas Technology Corp SH7261 Datasheet HTML 269Page - Renesas Technology Corp SH7261 Datasheet HTML 270Page - Renesas Technology Corp SH7261 Datasheet HTML 271Page - Renesas Technology Corp SH7261 Datasheet HTML 272Page - Renesas Technology Corp SH7261 Datasheet HTML 273Page - Renesas Technology Corp SH7261 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 238 of 1312
REJ09B0320-0200
9.4.16
SDRAM Status Register (SDSTR)
SDSTR consists of the status flags that indicate the status of operation during self-refresh,
initialization sequences, power-down mode, deep-power-down mode, and mode register setting.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0
000000000000000
R
R
RRRRRRRRRRRRRR
0
000000000000000
R
R
RRRRRRRRRRRRRR
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
——————
—
DSRF
ST
DINI
ST
DPWD
ST
DDPD
ST
DMRS
ST
Bit
Bit Name
Initial
Value
R/W
Description
31 to 5
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
4
DSRFST
0
R
Self-Refresh Transition/Recovery Status
When set to 1, this bit indicates that a transition to or
recovery from self-refresh operation is in progress for
channel SDRAM0 or SDRAM1.
0: Transition/recovery not in progress
1: Transition/recovery in progress
3
DINIST
0
R
Initialization Status
When set to 1, this bit indicates that an initialization
sequence is in progress for channel SDRAM0 or
SDRAM1. This bit has the same function as the
DINIST bit in SDIR1.
0: Initialization sequence not in progress
1: Initialization sequence in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com