Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 272 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 272 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 268Page - Renesas Technology Corp SH7261 Datasheet HTML 269Page - Renesas Technology Corp SH7261 Datasheet HTML 270Page - Renesas Technology Corp SH7261 Datasheet HTML 271Page - Renesas Technology Corp SH7261 Datasheet HTML 272Page - Renesas Technology Corp SH7261 Datasheet HTML 273Page - Renesas Technology Corp SH7261 Datasheet HTML 274Page - Renesas Technology Corp SH7261 Datasheet HTML 275Page - Renesas Technology Corp SH7261 Datasheet HTML 276Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 240 of 1312
REJ09B0320-0200
9.4.17
SDRAM Clock Stop Control Signal Setting Register (SDCKSCNT)
SDCKSCNT enables or disables the clock stop control signal (internal signal in the chip) and
specifies the number of assert cycles.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Bit:
Initial value:
R/W:
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Bit:
Initial value:
R/W:
0000000000000000
RRRRRRRRRRRRRRR
R/W
0
000000000001111
R
R
R
R
R
R
R
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
—
DCK
SEN
—
—
—
—
—
—
—
—
—
—
—
—
—
————————
—
DCKSC[7:0]
Bit
Bit Name
Initial
Value
R/W
Description
31 to 17
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
16
DCKSEN
0
R/W
Clock Stop Control Signal Enable
This bit is used to enable or disable the clock stop
control signal. When enabled, the clock stop control
signal operates during transition to and from deep-
power-down mode and stops the CKIO (high level).
When disabled, the clock stop control signal stays low
level.
0: Clock stop control signal disabled
1: Clock stop control signal enabled
15 to 8
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com