Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 276Page - Renesas Technology Corp SH7261 Datasheet HTML 277Page - Renesas Technology Corp SH7261 Datasheet HTML 278Page - Renesas Technology Corp SH7261 Datasheet HTML 279Page - Renesas Technology Corp SH7261 Datasheet HTML 280Page - Renesas Technology Corp SH7261 Datasheet HTML 281Page - Renesas Technology Corp SH7261 Datasheet HTML 282Page - Renesas Technology Corp SH7261 Datasheet HTML 283Page - Renesas Technology Corp SH7261 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 248 of 1312
REJ09B0320-0200
(b)
Page Access Operation
The initial data read/write operation is the same as a normal read/write operation. That is, when
the
WAIT signal is low two cycles before the end of the wait cycles (Tend), external wait cycles
are inserted. After the
WAIT signal has gone high, the wait cycles end (Tend) two cycles later.
In the second and subsequent read accesses, the page wait cycle is extended if the
WAIT signal is
low two cycles before the end of the page access wait cycle (Tend), and the page wait cycles end
two cycles after the
WAIT signal has gone high.
Figure 9.6 shows an example of external wait timing for page read access using longword (32-bit)
access to a 16-bit channel.
→
CKIO
Don't care
Don't care
Don't care
Ts
A0
A1
(Tend)
Tend
→
(Tend)
Tend
A27 to A0
CSn
WAIT
RD
WR
D31 to D0
Cycle wait
External
wait
Page cycle
wait
External
wait
Figure 9.6 External Wait Timing Example (Page Read Access to 16-Bit Channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com