Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 284 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 284 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 280Page - Renesas Technology Corp SH7261 Datasheet HTML 281Page - Renesas Technology Corp SH7261 Datasheet HTML 282Page - Renesas Technology Corp SH7261 Datasheet HTML 283Page - Renesas Technology Corp SH7261 Datasheet HTML 284Page - Renesas Technology Corp SH7261 Datasheet HTML 285Page - Renesas Technology Corp SH7261 Datasheet HTML 286Page - Renesas Technology Corp SH7261 Datasheet HTML 287Page - Renesas Technology Corp SH7261 Datasheet HTML 288Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 284 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 252 of 1312
REJ09B0320-0200
9.5.2
SDRAM Interface
A description is provided here of the SDRAM controller (SDRAMC) operation enable and
SDRAM bus width settings as well as operations involving SDRAM (read, write, auto-refresh,
self-refresh, initialization sequence, and mode register settings).
(1)
SDRAM Access Enable/Disable and SDRAM Bus Width Settings
Enabling and disabling SDRAM access is performed by making settings in the individual
SDRAMCm control registers to enable or prohibit SDRAMC operation. SDRAM bus width
settings are also performed by means of the SDRAMCm control registers.
Even if the SDRAMC control register is set to disable SDRAMC operation, refresh operation will
still take place if self-refresh or auto-refresh operation is set as enabled.
(2)
SDRAM Commands
SDRAMC controls the SDRAM by issuing commands each bus cycle. These commands are
defined by combinations of RAS, CAS, WE, CKE, CS, etc.
Table 9.10 lists the commands issued by SDRAMC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com