Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 283Page - Renesas Technology Corp SH7261 Datasheet HTML 284Page - Renesas Technology Corp SH7261 Datasheet HTML 285Page - Renesas Technology Corp SH7261 Datasheet HTML 286Page - Renesas Technology Corp SH7261 Datasheet HTML 287Page - Renesas Technology Corp SH7261 Datasheet HTML 288Page - Renesas Technology Corp SH7261 Datasheet HTML 289Page - Renesas Technology Corp SH7261 Datasheet HTML 290Page - Renesas Technology Corp SH7261 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 255 of 1312
REJ09B0320-0200
(4)
Self-Refresh
Transition to and from self-refresh mode is controlled by means of settings to SDRAM refresh
control register 0 (SDRFCNT0). Transition to and from self-refresh mode takes place
simultaneously for all channels.
An auto-refresh cycle operation takes place immediately before transition to self-refresh mode.
While in self-refresh mode the CKE signal is low level. Immediately after recovery from self-
refresh mode an auto-refresh cycle is triggered.
Figure 9.7 shows the timing of transition to self-refresh mode, and figure 9.8 shows the timing of
recovery from self-refresh mode.
CKIO
DSL: Deselect command
RFA: Auto-refresh command
RFS: Self-refresh entry command
SDRAM command
Self-refresh mode (CKE = L)
Auto-refresh cycle
RFA
DSL
DREFW
DSL
RFS
Figure 9.7 Example of Timing of Transition to Self-Refresh Mode
(DREFW Bit Set Value: 0010)
CKIO
DSL: Deselect command
RFA: Auto-refresh command
RFX: Self-refresh exit command
SDRAM command
Self-refresh mode
(CKE = L)
Self-refresh clearing
interval
Auto-refresh
cycle
REX
DSL
DREFW
DREFW
DSL
RFA
DSL
DSL
Figure 9.8 Example of Timing of Recovery from Self-Refresh Mode
(DREFW Bit Set Value: 0010)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com