Electronic Components Datasheet Search
  English  ▼

X  

SH7261 Datasheet(PDF) 283 Page - Renesas Technology Corp

Part # SH7261
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7260 Series
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7261 Datasheet(HTML) 283 Page - Renesas Technology Corp

Back Button SH7261 Datasheet HTML 279Page - Renesas Technology Corp SH7261 Datasheet HTML 280Page - Renesas Technology Corp SH7261 Datasheet HTML 281Page - Renesas Technology Corp SH7261 Datasheet HTML 282Page - Renesas Technology Corp SH7261 Datasheet HTML 283Page - Renesas Technology Corp SH7261 Datasheet HTML 284Page - Renesas Technology Corp SH7261 Datasheet HTML 285Page - Renesas Technology Corp SH7261 Datasheet HTML 286Page - Renesas Technology Corp SH7261 Datasheet HTML 287Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 1348 page
background image
Section 9 Bus State Controller (BSC)
Rev. 2.00 Sep. 07, 2007 Page 251 of 1312
REJ09B0320-0200
(c)
8-Bit Bus Channel
If an 8-bit bus is selected by the external bus width select bits in the CSn control register, A27 to
A0 are enabled as address signals for byte units. Table 9.9 shows the data alignment
corresponding to byte addresses for different data sizes.
With an 8-bit bus channel only the
WR0 pin is enabled, regardless of the strobe mode setting. A
low-level signal is output to
WR0 during write access. BC0 constantly outputs low level. Pins
WR3 to WR1 and pins BC3 to BC1 are not used.
Table 9.9
Data Alignment (8-Bit Bus Channel)
DATA
WR/BC
Data Size
Byte Address
(Lower 2 Bits)
[31:24]
[23:16]
[15:8]
[7:0]
[3]
[2]
[1]
[0]
0
×
×
×
O
*
*
*
L
1
×
×
×
O
*
*
*
L
2
×
×
×
O
*
*
*
L
Byte
3
×
×
×
O
*
*
*
L
0 (1st)
×
×
×
O
*
*
*
L
1 (2nd)
×
×
×
O
*
*
*
L
2 (1st)
×
×
×
O
*
*
*
L
Word
3 (2nd)
×
×
×
O
*
*
*
L
0 (1st)
×
×
×
O
*
*
*
L
1 (2nd)
×
×
×
O
*
*
*
L
2 (3rd)
×
×
×
O
*
*
*
L
Longword
3 (4th)
×
×
×
O
*
*
*
L
Note:
The valid bits in the data bus for each data size are indicated by circles (O).
Crosses (
×) indicate bus data bits that are undefined.
Asterisks (*) indicate write/byte control bits that are disabled (fixed high level).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com